Part Number Hot Search : 
PJ3JP C3118 D4168C C858W BXMP1008 LSU421 MAX3270 25SB80
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50v-1000v glass passivated fast recovery rectifiers 2.0a e-mail: sales@taychipst.com web site: www.taychipst.com 1 of 2 fr201g-fr207g features * high reliability * low leakage * low forward voltage drop * high current capability * glass passivated junction * high switching capability mechanical data * case: molded plastic * epoxy: device has ul flammability classification 94v-o * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 0.38 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s r a t i n g 2 5 c a m b i e n t t e m p e r a t u r e u n i e s s o t h e r w i e s s p e c i f i e d . s i n g l e p h a s e h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . t y p e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e m a x i m u m r m s v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t t a = 5 5 c p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e a t 2 . 0 a m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 0 0 c m a x i m u m r e v e r s e r e c o v e r y t i m e ( n o t e 1 ) t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 2 ) 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 2 . 0 7 0 5 . 0 1 0 0 4 0 - 6 5 + 1 5 0 v a a v m a m a n s p f n o t e s : 1 . r e v e r s e r e c o v e r y t i m e t e s t c o n d i t i o n : i f = 0 . 5 a , i r = 1 . 0 a , i r r = 0 . 2 5 a 2 . m e a s u r e d a t 1 m h z a n d a p p l i e d r e v e r s e v o l t a g e o f 4 . 0 v d . c . 1 . 3 2 5 0 5 0 0 1 5 0 o p e r a t i n g a n d s t o r a g e t e m p e r a t u r e r a n g e t , t j s t g c f r 2 0 1 g f r 2 0 2 g f r 2 0 3 g f r 2 0 4 g f r 2 0 5 g f r 2 0 6 g f r 2 0 7 g u n i t s
glass passivated fast recovery rectifiers e-mail: sales@taychipst.com web site: www.taychipst.com 50v-1000v 2.0a 2 of 2 fr201g-fr207g rating and characteristic curves ( fr201g thru fr207g ) trr +0.5a 0 -0.25a -1.0a 1cm set time base for 50/100 ns/cm fig. 1 - test circuit diagram and reverse recovery time characteristic 50 noninductive 10 noninductive d.u.t 25 vdc (approx) ( - ) ( - ) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22 pf. 2. rise time = 10ns max. source impedance = 50 ohms. fig. 2 - typical forward average forward current, (a) ambient temperature, ( ) current derating curve 1.50 1.25 1.00 .75 .50 .25 25 50 75 100 125 150 175 single phase half wave 60hz resistive or inductive load 0 fig. 3 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) pulse width = 300us 1% duty cycle 10 1.0 .1 .01 .4 .6 .8 1.0 1.2 1.4 1.6 t j = 25 junction capacitance, (pf) fig. 4 - typical junction capacitance reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 t j = 25 fig. 5 - maximum non-repetitive peak forward surge current, (a) number of cycles at 60hz forward surge current 124 6 8 10 20 40 6080100 60 40 50 30 20 10 0 8.3ms single half sine-wave (jeded method)


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X